| 전자부품 데이터시트 검색엔진 |
|
ECP2 데이터시트(PDF) 167 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 데이터시트(HTML) 167 Page - Lattice Semiconductor |
|
167 / 386 page ![]() 4-66 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet M18 PR25B 2 PCLKC2_0/RDQ22 C PR44B 2 PCLKC2_0/RDQ41 C L17 PR25A 2 PCLKT2_0/RDQ22 T PR44A 2 PCLKT2_0/RDQ41 T GNDIO GNDIO2 - GNDIO2 - L19 PR24B 2 RDQ22 C (LVDS)* PR43B 2 RDQ41 C (LVDS)* L20 PR24A 2 RDQ22 T (LVDS)* PR43A 2 RDQ41 T (LVDS)* L18 PR23B 2 RDQ22 C PR42B 2 RDQ41 C K17 PR23A 2 RDQ22 T PR42A 2 RDQ41 T VCCIO VCCIO2 2 VCCIO 2 K18 PR22B 2 RDQ22 C (LVDS)* PR41B 2 RDQ41 C (LVDS)* K19 PR22A 2 RDQS22 T (LVDS)* PR41A 2 RDQS41 T (LVDS)* G22 PR21B 2 RDQ22 C PR40B 2 RDQ41 C GNDIO GNDIO2 - GNDIO2 - F22 PR21A 2 RDQ22 T PR40A 2 RDQ41 T J17 PR20B 2 RDQ22 C (LVDS)* PR39B 2 RDQ41 C (LVDS)* J18 PR20A 2 RDQ22 T (LVDS)* PR39A 2 RDQ41 T (LVDS)* K20 PR19B 2 RDQ22 C PR38B 2 RDQ41 C VCCIO VCCIO2 2 VCCIO 2 J19 PR19A 2 RDQ22 T PR38A 2 RDQ41 T H21 PR18B 2 RDQ22 C (LVDS)* PR37B 2 RDQ41 C (LVDS)* G21 PR18A 2 RDQ22 T (LVDS)* PR37A 2 RDQ41 T (LVDS)* - - - GNDIO2 - - - - VCCIO 2 H17 NC - PR26B 2 RUM0_SPLLC_FB_A/RDQ24 C H16 NC - PR26A 2 RUM0_SPLLT_FB_A/RDQ24 T H20 NC - PR25B 2 RUM0_SPLLC_IN_A/RDQ24 C H18 NC - PR25A 2 RUM0_SPLLT_IN_A/RDQ24 T - - - GNDIO2 - - - - VCCIO 2 F21 PR17B 2 RDQ14 C PR19B 2 RDQ16 C GNDIO GNDIO2 - GNDIO2 - E22 PR17A 2 RDQ14 T PR19A 2 RDQ16 T D22 PR16B 2 RDQ14 C (LVDS)* PR18B 2 RDQ16 C (LVDS)* E21 PR16A 2 RDQ14 T (LVDS)* PR18A 2 RDQ16 T (LVDS)* G20 PR15B 2 RDQ14 C PR17B 2 RDQ16 C VCCIO VCCIO2 2 VCCIO 2 F20 PR15A 2 RDQ14 T PR17A 2 RDQ16 T H19 PR14B 2 RDQ14 C (LVDS)* PR16B 2 RDQ16 C (LVDS)* G19 PR14A 2 RDQS14 T (LVDS)* PR16A 2 RDQS16 T (LVDS)* GNDIO GNDIO2 - GNDIO2 - G17 PR13B 2 RDQ14 C PR15B 2 RDQ16 C F19 PR13A 2 RDQ14 T PR15A 2 RDQ16 T E20 PR12B 2 RDQ14 C (LVDS)* PR14B 2 RDQ16 C (LVDS)* D20 PR12A 2 RDQ14 T (LVDS)* PR14A 2 RDQ16 T (LVDS)* VCCIO VCCIO2 2 VCCIO 2 F18 PR11B 2 RDQ14 C PR13B 2 RDQ16 C F16 PR11A 2 RDQ14 T PR13A 2 RDQ16 T C21 PR10B 2 RDQ14 C (LVDS)* PR12B 2 RDQ16 C (LVDS)* LFE2-35E/SE and LFE2-50E/SE Logic Signal Connections: 484 fpBGA LFE2-35E/SE LFE2-50E/SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |