| 전자부품 데이터시트 검색엔진 |
|
ECP2 데이터시트(PDF) 173 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 데이터시트(HTML) 173 Page - Lattice Semiconductor |
|
173 / 386 page ![]() 4-72 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet N10 GND - GND - N11 GND - GND - N12 GND - GND - N13 GND - GND - N15 GND - GND - N8 GND - GND - P14 GND - GND - P20 GND - GND - P3 GND - GND - P9 GND - GND - R10 GND - GND - R11 GND - GND - R12 GND - GND - R13 GND - GND - U17 GND - GND - U6 GND - GND - W2 GND - GND - W21 GND - GND - Y14 GND - GND - Y9 GND - GND - A1 GND - GND - N18 VCCPLL - VCCPLL - K6 NC - VCCPLL - N6 VCCPLL - VCCPLL - J16 NC - VCCPLL - * Supports true LVDS. Other differential signals must be emulated with external resistors. ** These dedicated input pins can be used for GPLLs or GDLLs within the respective quadrant. ***Due to packaging bond out option, this DQS does not have all the necessary DQ pins bonded out for a full 8-bit data width. Note: VCCIO and GND pads are used to determine the average DC current drawn by I/Os between GND/VCCIO connections, or between the last GND/VCCIO in an I/O bank and the end of an I/O bank. The substrate pads listed in the Pin Table do not necessarily have a one to one connection with a package ball or pin. LFE2-35E/SE and LFE2-50E/SE Logic Signal Connections: 484 fpBGA LFE2-35E/SE LFE2-50E/SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |