전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ECP2 데이터시트(PDF) 191 Page - Lattice Semiconductor

부품명 ECP2
상세설명  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 데이터시트(HTML) 191 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 187Page - Lattice Semiconductor ECP2 Datasheet HTML 188Page - Lattice Semiconductor ECP2 Datasheet HTML 189Page - Lattice Semiconductor ECP2 Datasheet HTML 190Page - Lattice Semiconductor ECP2 Datasheet HTML 191Page - Lattice Semiconductor ECP2 Datasheet HTML 192Page - Lattice Semiconductor ECP2 Datasheet HTML 193Page - Lattice Semiconductor ECP2 Datasheet HTML 194Page - Lattice Semiconductor ECP2 Datasheet HTML 195Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 386 page
background image
4-90
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
U11
GND
-
GND
-
U13
GND
-
GND
-
U14
GND
-
GND
-
U16
GND
-
GND
-
U17
GND
-
GND
-
V13
GND
-
GND
-
V14
GND
-
GND
-
V21
GND
-
GND
-
V6
GND
-
GND
-
M3
NC
-
NC
-
N6
NC
-
NC
-
P24
NC
-
NC
-
* Supports true LVDS. Other differential signals must be emulated with external resistors.
** These dedicated input pins can be used for GPLLs or GDLLs within the respective quadrant.
***Due to packaging bond out option, this DQS does not have all the necessary DQ pins bonded out for a full 8-bit data width.
Note: VCCIO and GND pads are used to determine the average DC current drawn by I/Os between GND/VCCIO connections, or between the
last GND/VCCIO in an I/O bank and the end of an I/O bank. The substrate pads listed in the Pin Table do not necessarily have a one to one
connection with a package ball or pin.
LFE2-20E/SE and LFE2-35E/SE Logic Signal Connections: 672 fpBGA
LFE2-20E/20SE
LFE2-35E/35SE
Ball
Number
Ball/Pad
Function
Bank
Dual Function
Differential
Ball/Pad
Function
Bank
Dual Function
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More