| 전자부품 데이터시트 검색엔진 |
|
ECP2 데이터시트(PDF) 201 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 데이터시트(HTML) 201 Page - Lattice Semiconductor |
|
201 / 386 page ![]() 4-100 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet GND GNDIO2 - GNDIO2 - M19 PR40A 2 RDQ41 T PR53A 2 RDQ54 T L22 PR39B 2 RDQ41 C (LVDS)* PR52B 2 RDQ54 C (LVDS)* M22 PR39A 2 RDQ41 T (LVDS)* PR52A 2 RDQ54 T (LVDS)* K21 PR38B 2 RDQ41 C PR51B 2 RDQ54 C VCCIO VCCIO2 2 VCCIO2 2 M21 PR38A 2 RDQ41 T PR51A 2 RDQ54 T K24 PR37B 2 RDQ41 C (LVDS)* PR50B 2 RDQ54 C (LVDS)* J24 PR37A 2 RDQ41 T (LVDS)* PR50A 2 RDQ54 T (LVDS)* GND GNDIO2 - GNDIO2 - VCCIO VCCIO2 2 VCCIO2 2 L20 VCCPLL 2 NC - GND GNDIO2 - GNDIO2 - J26 PR26B 2 RUM0_SPLLC_FB_A/RDQ24 C PR39B 2 RUM0_SPLLC_FB_A/RDQ37 C J25 PR26A 2 RUM0_SPLLT_FB_A/RDQ24 T PR39A 2 RUM0_SPLLT_FB_A/RDQ37 T J23 PR25B 2 RUM0_SPLLC_IN_A/RDQ24 C PR38B 2 RUM0_SPLLC_IN_A/RDQ37 C K23 PR25A 2 RUM0_SPLLT_IN_A/RDQ24 T PR38A 2 RUM0_SPLLT_IN_A/RDQ37 T VCCIO VCCIO2 2 VCCIO2 2 H26 PR24B 2 RDQ24 C (LVDS)* PR37B 2 RDQ37 C (LVDS)* H25 PR24A 2 RDQS24*** T (LVDS)* PR37A 2 RDQS37*** T (LVDS)* H24 PR23B 2 RDQ24 C PR36B 2 RDQ37 C GND GNDIO2 - GNDIO2 - H23 PR23A 2 RDQ24 T PR36A 2 RDQ37 T VCCIO VCCIO2 2 VCCIO2 2 G26 PR19B 2 RDQ16 C PR32B 2 RDQ29 C GND GNDIO2 - GNDIO2 - G25 PR19A 2 RDQ16 T PR32A 2 RDQ29 T F26 PR18B 2 RDQ16 C (LVDS)* PR31B 2 RDQ29 C (LVDS)* F25 PR18A 2 RDQ16 T (LVDS)* PR31A 2 RDQ29 T (LVDS)* K20 PR17B 2 RDQ16 C PR30B 2 RDQ29 C VCCIO VCCIO2 2 VCCIO2 2 L19 PR17A 2 RDQ16 T PR30A 2 RDQ29 T E26 PR16B 2 RDQ16 C (LVDS)* PR29B 2 RDQ29 C (LVDS)* E25 PR16A 2 RDQS16 T (LVDS)* PR29A 2 RDQS29 T (LVDS)* GND GNDIO2 - GNDIO2 - J22 PR15B 2 RDQ16 C PR28B 2 RDQ29 C H22 PR15A 2 RDQ16 T PR28A 2 RDQ29 T G24 PR14B 2 RDQ16 C (LVDS)* PR27B 2 RDQ29 C (LVDS)* G23 PR14A 2 RDQ16 T (LVDS)* PR27A 2 RDQ29 T (LVDS)* VCCIO VCCIO2 2 VCCIO2 2 K19 PR13B 2 RDQ16 C PR26B 2 RDQ29 C J19 PR13A 2 RDQ16 T PR26A 2 RDQ29 T D26 PR12B 2 RDQ16 C (LVDS)* PR25B 2 RDQ29 C (LVDS)* C26 PR12A 2 RDQ16 T (LVDS)* PR25A 2 RDQ29 T (LVDS)* F22 PR11B 2 RDQ8 C PR24B 2 RDQ21 C E24 PR11A 2 RDQ8 T PR24A 2 RDQ21 T GND GNDIO2 - GNDIO2 - LFE2-50E/SE and LFE2-70E/SE Logic Signal Connections: 672 fpBGA LFE2-50E/SE LFE2-70E/SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |