| 전자부품 데이터시트 검색엔진 |
|
ECP2 데이터시트(PDF) 290 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 데이터시트(HTML) 290 Page - Lattice Semiconductor |
|
290 / 386 page ![]() 4-189 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet AD14 PB25B 5 BDQ24 C PB40B 5 BDQ42 C AG8 PB26A 5 BDQ24 T PB41A 5 BDQ42 T AF8 PB26B 5 BDQ24 C PB41B 5 BDQ42 C AE15 PB27A 5 BDQ24 T PB42A 5 BDQS42**** T - - - GNDIO5 - VCCIO VCCIO5 5 - - AC15 PB27B 5 BDQ24 C PB42B 5 BDQ42 C VCCIO VCCIO5 5 VCCIO5 5 GNDIO GNDIO5 - GNDIO5 - AD15 PB38A 5 BDQ42 T PB47A 5 BDQ51 T AF15 PB38B 5 BDQ42 C PB47B 5 BDQ51 C AG10 PB39A 5 BDQ42 T PB48A 5 BDQ51 T AG9 PB39B 5 BDQ42 C PB48B 5 BDQ51 C AH14 PB40A 5 BDQ42 T PB49A 5 BDQ51 T AG12 PB40B 5 BDQ42 C PB49B 5 BDQ51 C VCCIO VCCIO5 5 VCCIO5 5 AG15 PB41A 5 BDQ42 T PB50A 5 BDQ51 T AG13 PB41B 5 BDQ42 C PB50B 5 BDQ51 C GNDIO GNDIO5 - GNDIO5 - AF16 PB42A 5 BDQS42 T PB51A 5 BDQS51 T AH15 PB42B 5 BDQ42 C PB51B 5 BDQ51 C AC16 PB43A 5 VREF2_5/BDQ42 T PB52A 5 VREF2_5/BDQ51 T AE16 PB43B 5 VREF1_5/BDQ42 C PB52B 5 VREF1_5/BDQ51 C AG11 PB44A 5 PCLKT5_0/BDQ42 T PB53A 5 PCLKT5_0/BDQ51 T AF11 PB44B 5 PCLKC5_0/BDQ42 C PB53B 5 PCLKC5_0/BDQ51 C VCCIO VCCIO5 5 VCCIO5 5 GNDIO GNDIO5 - GNDIO5 - AJ14 PB49A 4 PCLKT4_0/BDQ51 T PB58A 4 PCLKT4_0/BDQ60 T VCCIO VCCIO4 4 VCCIO4 4 AK14 PB49B 4 PCLKC4_0/BDQ51 C PB58B 4 PCLKC4_0/BDQ60 C AK15 PB50A 4 VREF2_4/BDQ51 T PB59A 4 VREF2_4/BDQ60 T AK16 PB50B 4 VREF1_4/BDQ51 C PB59B 4 VREF1_4/BDQ60 C AF18 PB51A 4 BDQS51 T PB60A 4 BDQS60 T GNDIO GNDIO4 - GNDIO4 - AD16 PB51B 4 BDQ51 C PB60B 4 BDQ60 C AJ15 PB52A 4 BDQ51 T PB61A 4 BDQ60 T AG16 PB52B 4 BDQ51 C PB61B 4 BDQ60 C AE17 PB53A 4 BDQ51 T PB62A 4 BDQ60 T VCCIO VCCIO4 4 VCCIO4 4 AC17 PB53B 4 BDQ51 C PB62B 4 BDQ60 C AH16 PB54A 4 BDQ51 T PB63A 4 BDQ60 T AK17 PB54B 4 BDQ51 C PB63B 4 BDQ60 C AG20 PB55A 4 BDQ51 T PB64A 4 BDQ60 T GNDIO GNDIO4 - GNDIO4 - AG21 PB55B 4 BDQ51 C PB64B 4 BDQ60 C AG18 PB56A 4 BDQ60 T PB65A 4 BDQ69 T AJ16 PB56B 4 BDQ60 C PB65B 4 BDQ69 C AF21 PB57A 4 BDQ60 T PB66A 4 BDQ69 T AG22 PB57B 4 BDQ60 C PB66B 4 BDQ69 C LFE2M50E/SE and LFE2M70E/SE Logic Signal Connections: 900 fpBGA LFE2M50E/SE LFE2M70E/SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |