전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 450 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 450 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 446Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 447Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 448Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 449Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 1348 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
450
Freescale Semiconductor
Read: For transmit buffers, anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter
Flag Register (CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see
Section 10.3.2.11, “MSCAN Transmit Buffer Selection Register (CANTBSEL)”). For receive buffers,
only when RXF flag is set (see Section 10.3.2.5, “MSCAN Receiver Flag Register (CANRFLG)”).
Write: For transmit buffers, anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter
Flag Register (CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see
Section 10.3.2.11, “MSCAN Transmit Buffer Selection Register (CANTBSEL)”). Unimplemented for
receive buffers.
Reset: Undefined (0x00XX) because of RAM-based implementation
10.3.3.1
Identifier Registers (IDR0–IDR3)
The identifier registers for an extended format identifier consist of a total of 32 bits; ID[28:0], SRR, IDE,
and RTR bits. The identifier registers for a standard format identifier consist of a total of 13 bits; ID[10:0],
RTR, and IDE bits.
10.3.3.1.1
IDR0–IDR3 for Extended Identifier Mapping
Figure 10-25. Receive/Transmit Message Buffer — Standard Identifier Mapping
Register
Name
Bit 7
654321
Bit 0
IDR0
R
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
W
IDR1
R
ID2
ID1
ID0
RTR
IDE (=0)
W
IDR2
R
W
IDR3
R
W
= Unused, always read ‘x’
76543210
R
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
W
Reset:
xxxxxxxx
Figure 10-26. Identifier Register 0 (IDR0) — Extended Identifier Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com