전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 454 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 454 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 455Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 456Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 457Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 458Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1348 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
454
Freescale Semiconductor
10.3.3.3
Data Length Register (DLR)
This register keeps the data length field of the CAN frame.
Module Base + 0x0004 (DSR0)
0x0005 (DSR1)
0x0006 (DSR2)
0x0007 (DSR3)
0x0008 (DSR4)
0x0009 (DSR5)
0x000A (DSR6)
0x000B (DSR7)
76543210
R
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W
Reset:
xxxxxxxx
Figure 10-34. Data Segment Registers (DSR0–DSR7) — Extended Identifier Mapping
Table 10-31. DSR0–DSR7 Register Field Descriptions
Field
Description
7:0
DB[7:0]
Data bits 7:0
76543210
R
DLC3
DLC2
DLC1
DLC0
W
Reset:
xxxxxxxx
= Unused; always read “x”
Figure 10-35. Data Length Register (DLR) — Extended Identifier Mapping
Table 10-32. DLR Register Field Descriptions
Field
Description
3:0
DLC[3:0]
Data Length Code Bits — The data length code contains the number of bytes (data byte count) of the respective
message. During the transmission of a remote frame, the data length code is transmitted as programmed while
the number of transmitted data bytes is always 0. The data byte count ranges from 0 to 8 for a data frame.
Table 10-33 shows the effect of setting the DLC bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com