전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 452 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 452 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 448Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 449Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 455Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 456Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1348 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
452
Freescale Semiconductor
10.3.3.1.2
IDR0–IDR3 for Standard Identifier Mapping
76543210
R
ID6
ID5
ID4
ID3
ID2
ID1
ID0
RTR
W
Reset:
xxxxxxxx
Figure 10-29. Identifier Register 3 (IDR3) — Extended Identifier Mapping
Table 10-28. IDR3 Register Field Descriptions — Extended
Field
Description
7:1
ID[6:0]
Extended Format Identifier — The identifiers consist of 29 bits (ID[28:0]) for the extended format. ID28 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number.
0
RTR
Remote Transmission Request — This flag reflects the status of the remote transmission request bit in the
CAN frame. In the case of a receive buffer, it indicates the status of the received frame and supports the
transmission of an answering frame in software. In the case of a transmit buffer, this flag defines the setting of
the RTR bit to be sent.
0 Data frame
1 Remote frame
76543210
R
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
W
Reset:
xxxxxxxx
Figure 10-30. Identifier Register 0 — Standard Mapping
Table 10-29. IDR0 Register Field Descriptions — Standard
Field
Description
7:0
ID[10:3]
Standard Format Identifier — The identifiers consist of 11 bits (ID[10:0]) for the standard format. ID10 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number. See also ID bits in Table 10-30.
76543210
R
ID2
ID1
ID0
RTR
IDE (=0)
W
Reset:
xxxxxxxx
= Unused; always read ‘x’
Figure 10-31. Identifier Register 1 — Standard Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com