전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 555 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 555 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 551Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 552Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 553Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 557Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 558Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 559Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
555
Chapter 14
Voltage Regulator (S12VREG3V3V5)
14.1
Introduction
Module VREG_3V3 is a dual output voltage regulator that provides two separate 2.5V (typical) supplies
differing in the amount of current that can be sourced. The regulator input voltage range is from 3.3V up
to 5V (typical).
14.1.1
Features
Module VREG_3V3 includes these distinctive features:
•
Two parallel, linear voltage regulators
— Bandgap reference
•
Low-voltage detect (LVD) with low-voltage interrupt (LVI)
•
Power-on reset (POR)
•
Low-voltage reset (LVR)
•
Autonomous periodical interrupt (API)
14.1.2
Modes of Operation
There are three modes VREG_3V3 can operate in:
1. Full performance mode (FPM) (MCU is not in stop mode)
The regulator is active, providing the nominal supply voltage of 2.5 V with full current sourcing
capability at both outputs. Features LVD (low-voltage detect), LVR (low-voltage reset), and POR
(power-on reset) are available. The API is available.
2. Reduced power mode (RPM) (MCU is in stop mode)
The purpose is to reduce power consumption of the device. The output voltage may degrade to a
lower value than in full performance mode, additionally the current sourcing capability is
substantially reduced. Only the POR is available in this mode, LVD and LVR are disabled. The API
is available.
3. Shutdown mode
Controlled by VREGEN (see device level specification for connectivity of VREGEN).
This mode is characterized by minimum power consumption. The regulator outputs are in a
high-impedance state, only the POR feature is available, LVD and LVR are disabled. The API
internal RC oscillator clock is not available.
This mode must be used to disable the chip internal regulator VREG_3V3, i.e., to bypass the
VREG_3V3 to use external supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com