전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 557 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 557 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 553Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 557Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 558Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 559Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 560Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 561Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 1348 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
557
14.2
External Signal Description
Due to the nature of VREG_3V3 being a voltage regulator providing the chip internal power supply
voltages, most signals are power supply signals connected to pads.
Table 14-1 shows all signals of VREG_3V3 associated with pins.
NOTE
Check device level specification for connectivity of the signals.
14.2.1
VDDR — Regulator Power Input Pins
Signal VDDR is the power input of VREG_3V3. All currents sourced into the regulator loads flow through
this pin. A chip external decoupling capacitor (>=100 nF, X7R ceramic) between VDDR and VSSR (if VSSR
is not available VSS) can smooth ripple on VDDR.
For entering Shutdown Mode, pin VDDR should also be tied to ground on devices without VREGEN pin.
14.2.2
VDDA, VSSA — Regulator Reference Supply Pins
Signals VDDA/VSSA, which are supposed to be relatively quiet, are used to supply the analog parts of the
regulator. Internal precision reference circuits are supplied from these signals. A chip external decoupling
capacitor (>=100 nF, X7R ceramic) between VDDA and VSSA can further improve the quality of this
supply.
14.2.3
VDD, VSS — Regulator Output1 (Core Logic) Pins
Signals VDD/VSS are the primary outputs of VREG_3V3 that provide the power supply for the core logic.
These signals are connected to device pins to allow external decoupling capacitors (220 nF, X7R ceramic).
In Shutdown Mode an external supply driving VDD/VSS can replace the voltage regulator.
Table 14-1. Signal Properties
Name
Function
Reset State
Pull Up
VDDR
Power input (positive supply)
—
—
VDDA
Quiet input (positive supply)
—
—
VSSA
Quiet input (ground)
—
—
VDD
Primary output (positive supply)
—
—
VSS
Primary output (ground)
—
—
VDDPLL
Secondary output (positive supply)
—
—
VSSPLL
Secondary output (ground)
—
—
VREGEN (optional)
Optional Regulator Enable
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com