전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 558 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 558 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 557Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 558Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 559Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 560Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 561Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 562Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1348 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.21
558
Freescale Semiconductor
14.2.4
VDDPLL, VSSPLL — Regulator Output2 (PLL) Pins
Signals VDDPLL/VSSPLL are the secondary outputs of VREG_3V3 that provide the power supply for the
PLL and oscillator. These signals are connected to device pins to allow external decoupling capacitors
(220 nF, X7R ceramic).
In Shutdown Mode, an external supply driving VDDPLL/VSSPLL can replace the voltage regulator.
14.2.5
VREGEN — Optional Regulator Enable Pin
This optional signal is used to shutdown VREG_3V3. In that case, VDD/VSS and VDDPLL/VSSPLL must be
provided externally. Shutdown mode is entered with VREGEN being low. If VREGEN is high, the
VREG_3V3 is either in Full Performance Mode or in Reduced Power Mode.
For the connectivity of VREGEN, see device specification.
NOTE
Switching from FPM or RPM to shutdown of VREG_3V3 and vice versa
is not supported while MCU is powered.
14.3
Memory Map and Register Definition
This section provides a detailed description of all registers accessible in VREG_3V3.
If enabled in the system, the VREG_3V3 will abort all read and write accesses to reserved registers within
it’s memory slice.
14.3.1
Module Memory Map
Table 14-2 provides an overview of all used registers.
Table 14-2. Memory Map
Address
Offset
Use
Access
0x0000
HT Control Register (VREGHTCL)
—
0x0001
Control Register (VREGCTRL)
R/W
0x0002
Autonomous Periodical Interrupt Control Register (VREGAPICL)
R/W
0x0003
Autonomous Periodical Interrupt Trimming Register (VREGAPITR)
R/W
0x0004
Autonomous Periodical Interrupt Period High (VREGAPIRH)
R/W
0x0005
Autonomous Periodical Interrupt Period Low (VREGAPIRL)
R/W
0x0006
Reserved 06
—
0x0007
Reserved 07
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com