전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 621 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 621 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 617Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 618Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 619Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 620Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 1348 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
621
17.3.2.3
Global Page Index Register (GPAGE)
Read: Anytime
Write: Anytime
The global page index register is used only when the CPU is executing a global instruction (GLDAA,
GLDAB, GLDD, GLDS, GLDX, GLDY,GSTAA, GSTAB, GSTD, GSTS, GSTX, GSTY) (see CPU Block
Guide). The generated global address is the result of concatenation of the CPU local address [15:0] with
the GPAGE register [22:16] (see Figure 1-7).
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 17-7. GPAGE Address Mapping
Example 17-1. This example demonstrates usage of the GPAGE register
LDAADR
EQU $5000
;Initialize LDADDR to the value of $5000
MOVB
#$14, GPAGE
;Initialize GPAGE register with the value of $14
GLDAA
>LDAADR
;Load Accu A from the global address $14_5000
Address: 0x0010
76543210
R0
GP6
GP5
GP4
GP3
GP2
GP1
GP0
W
Reset
00000000
= Unimplemented or Reserved
Figure 17-6. Global Page Index Register (GPAGE)
Table 17-7. GPAGE Field Descriptions
Field
Description
6–0
GP[6:0]
Global Page Index Bits 6–0 — These page index bits are used to select which of the 128 64-kilobyte pages is
to be accessed.
Bit16
Bit 0
Bit15
Bit22
CPU Address [15:0]
GPAGE Register [6:0]
Global Address [22:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com