전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 623 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 623 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 619Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 620Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 626Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 627Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 1348 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
623
17.3.2.5
MMC Control Register (MMCCTL1)
Read: Anytime. In emulation modes read operations will return the data from the external bus. In all other
modes the data are read from this register.
Write: Refer to each bit description. In emulation modes write operations will also be directed to the
external bus.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
EROMON and ROMON control the visibility of the Flash in the memory map for CPU or BDM (not for
XGATE). Both local and global memory maps are affected.
Address: 0x0013 PRR
76543210
R
00000
EROMON
ROMHM
ROMON
W
Reset
00000
EROMCTL
0
ROMCTL
= Unimplemented or Reserved
Figure 17-10. MMC Control Register (MMCCTL1)
Table 17-9. MMCCTL1 Field Descriptions
Field
Description
2
EROMON
Enables emulated Flash or ROM memory in the memory map
Write: Never
0 Disables the emulated Flash or ROM in the memory map.
1 Enables the emulated Flash or ROM in the memory map.
1
ROMHM
FLASH or ROM only in higher Half of Memory Map
Write: Once in normal and emulation modes and anytime in special modes
0 The fixed page of Flash or ROM can be accessed in the lower half of the memory map. Accesses to
$4000–$7FFF will be mapped to $7F_4000-$7F_7FFF in the global memory space.
1 Disables access to the Flash or ROM in the lower half of the memory map.These physical locations of the
Flash or ROM can still be accessed through the program page window. Accesses to $4000–$7FFF will be
mapped to $14_4000-$14_7FFF in the global memory space (external access).
0
ROMON
Enable FLASH or ROM in the memory map
Write: Once in normal and emulation modes and anytime in special modes
0 Disables the Flash or ROM from the memory map.
1 Enables the Flash or ROM in the memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com