전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 622 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 622 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 618Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 619Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 620Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 626Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 1348 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
622
Freescale Semiconductor
17.3.2.4
Direct Page Register (DIRECT)
Read: Anytime
Write: anytime in special modes, one time only in other modes.
This register determines the position of the direct page within the memory map.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 17-9. DIRECT Address Mapping
Bits [22:16] of the global address will be formed by the GPAGE[6:0] bits in case the CPU executes a global
instruction in direct addressing mode or by the appropriate local address to the global address expansion
(refer to Expansion of the CPU Local Address Map).
Example 17-2. This example demonstrates usage of the Direct Addressing Mode by a global instruction
LDAADR
EQU $0000
;Initialize LDADDR with the value of $0000
MOVB
#$80,DIRECT
;Initialize DIRECT register with the value of $80
MOVB
#$14,GPAGE
;Initialize GPAGE register with the value of $14
GLDAA
<LDAADR
;Load Accu A from the global address $14_8000
Address: 0x0011
76543210
R
DP15
DP14
DP13
DP12
DP11
DP10
DP9
DP8
W
Reset
00000000
Figure 17-8. Direct Register (DIRECT)
Table 17-8. DIRECT Field Descriptions
Field
Description
7–0
DP[15:8]
Direct Page Index Bits 15–8 — These bits are used by the CPU when performing accesses using the direct
addressing mode. The bits from this register form bits [15:8] of the address (see Figure 1-9).
Bit15
Bit0
Bit7
Bit22
CPU Address [15:0]
Global Address [22:0]
Bit8
Bit16
DP [15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com