전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 700 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 700 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 704Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 1348 page
background image
Chapter 19 S12X Debug (S12XDBGV2) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
702
Freescale Semiconductor
19.3.1.4
Debug Control Register2 (DBGC2)
Read: Anytime
Write: Anytime the module is disarmed.
This register configures the comparators for range matching.
11
Trace only in range from comparator C to comparator D
Table 19-11. TRCMOD Trace Mode Bit Encoding
TRCMOD
Description
00
NORMAL
01
LOOP1
10
DETAIL
11
Reserved
Table 19-12. TALIGN Trace Alignment Encoding
TALIGN
Description
00
Trigger at end of stored data
01
Trigger before storing data
10
Trace buffer entries before and after trigger
11
Reserved
0x0023
76543210
R
0000
CDCM
ABCM
W
Reset
00000000
Unimplemented or Reserved
Figure 19-6. Debug Control Register2 (DBGC2)
Table 19-13. DBGC2 Field Descriptions
Field
Description
3–2
CDCM[3:2]
C and D Comparator Match Control — These bits determine the C and D comparator match mapping as
described in Table 19-14.
1–0
ABCM[1:0]
A and B Comparator Match Control — These bits determine the A and B comparator match mapping as
described in Table 19-15.
Table 19-10. TRANGE Trace Range Encoding
TRANGE
Tracing Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com