전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 699 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 699 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 1348 page
background image
Chapter 19 S12X Debug (S12XDBGV2) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
701
19.3.1.3
Debug Trace Control Register (DBGTCR)
Read: Anytime
Write: Bits 7:6 only when DBG is neither secure nor armed.
Bits 5:0 anytime the module is disarmed.
0x0022
76543210
R
TSOURCE
TRANGE
TRCMOD
TALIGN
W
Reset
00000000
Figure 19-5. Debug Trace Control Register (DBGTCR)
Table 19-8. DBGTCR Field Descriptions
Field
Description
7–6
TSOURCE
Trace Source Control Bits — The TSOURCE bits select the data source for the tracing session. If the MCU
system is secured, these bits cannot be set and tracing is inhibited. See Table 19-9.
5–4
TRANGE[5:4]
Trace Range Bits —The TRANGE bits allow filtering of trace information from a selected address range when
tracing from the CPU in detail mode. The XGATE tracing range cannot be narrowed using these bits. To use a
comparator for range filtering, the corresponding COMPE and SRC bits must remain cleared. If the COMPE bit
is not clear then the comparator will also be used to generate state sequence triggers or tags. If the SRC bit is
set the comparator is mapped to the XGATE busses, corrupting the trace. See Table 19-10.
3–2
TRCMOD[3:2]
Trace Mode Bits — See Section 19.4.5.2, “Trace Modes“ for detailed trace mode descriptions. In normal
mode, change of flow information is stored. In loop1 mode, change of flow information is stored but redundant
entries into trace memory are inhibited. In detail mode, address and data for all memory and register accesses
is stored. See Table 19-11
1–0
TALIGN[1:0]
Trigger Align Bits — These bits control whether the trigger is aligned to the beginning, end or the middle of a
tracing session. See Table 19-12.
Table 19-9. TSOURCE Trace Source Bit Encoding
TSOURCE
Tracing Source
00
No tracing requested
01
CPU
101
1 No range limitations are allowed. Thus tracing operates as if TRANGE = 00.
XGATE
111, 2
2 No detail mode tracing supported. If TRCMOD =10, no information is stored.
Both CPU and XGATE
Table 19-10. TRANGE Trace Range Encoding
TRANGE
Tracing Source
00
Trace from all addresses (No filter)
01
Trace only in address range from 0x0000 to comparator D
10
Trace only in address range from comparator C to 0x7FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com