전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 698 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 698 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 1348 page
background image
Chapter 19 S12X Debug (S12XDBGV2) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
700
Freescale Semiconductor
19.3.1.2
Debug Status Register (DBGSR)
Read: Anytime
Write: Never
01
Comparator B
DBGSCR2
10
Comparator C
DBGSCR3
11
Comparator D
DBGSCR3
0x0021
76543210
R
TBF
EXTF
0
0
0
SSF2
SSF1
SSF0
W
Reset
—
0
0
0
0000
POR
00000000
Unimplemented or Reserved
Figure 19-4. Debug Status Register (DBGSR)
Table 19-6. DBGSR Field Descriptions
Field
Description
7
TBF
Trace Buffer Full — The TBF bit indicates that the trace buffer has stored 64 or more lines of data since it was
last armed. If this bit is set, then all 64 lines will be valid data, regardless of the value of DBGCNT bits CNT[6:0].
The TBF bit is cleared when ARM in DBGC1 is written to a 1. The TBF is cleared by the power on reset
initialization. Other system generated resets have no affect on this bit
6
EXTF
External Tag Hit Flag — The EXTF bit indicates if a tag hit condition from an external TAGHI/TAGLO tag was
met since arming. This bit is cleared when ARM in DBGC1 is written to a 1.
0 External tag hit has not occurred
1 External tag hit has occurred
2–0
SSF[2:0}
State Sequencer Flag Bits — The SSF bits indicate in which state the state sequencer is currently in. During
a debug session on each transition to a new state these bits are updated. If the debug session is ended by
software clearing the ARM bit, then these bits retain their value to reflect the last state of the state sequencer
before disarming. If a debug session is ended by a breakpoint, then the state sequencer returns to state0 and
these bits are cleared to indicate that state0 was entered during the session. On arming the module the state
sequencer enters state1 and these bits are forced to SSF[2:0] = 001. See Table 19-7.
Table 19-7. SSF[2:0] — State Sequence Flag Bit Encoding
SSF[2:0]
Current State
000
State0 (disarmed)
001
State1
010
State2
011
State3
100
Final State
101,110,111
Reserved
Table 19-5. COMRV Encoding
COMRV
Visible Comparator
Visible State Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com