전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 743 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 743 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 739Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 740Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 741Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 742Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 743Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 744Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 745Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 746Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 747Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
745
Chapter 20
S12X Debug (S12XDBGV3) Module
20.1
Introduction
The S12XDBG module provides an on-chip trace buffer with flexible triggering capability to allow
non-intrusive debug of application software. The S12XDBG module is optimized for the HCS12X 16-bit
architecture and allows debugging of both S12XCPU and XGATE module operations.
Typically the S12XDBG module is used in conjunction with the S12XBDM module, whereby the user
configures the S12XDBG module for a debugging session over the BDM interface. Once configured the
S12XDBG module is armed and the device leaves BDM Mode returning control to the user program,
which is then monitored by the S12XDBG module. Alternatively the S12XDBG module can be configured
over a serial interface using SWI routines.
20.1.1
Glossary Of Terms
COF: Change Of Flow. Change in the program flow due to a conditional branch, indexed jump or interrupt.
BDM : Background Debug Mode
DUG: Device User Guide, describing the features of the device into which the DBG is integrated.
WORD: 16 bit data entity
Data Line : 64 bit data entity
XGATE : S12X family programmable Direct Memory Access Module
CPU : S12X_CPU module
Tag : Tags can be attached to XGATE or CPU opcodes as they enter the instruction pipe. If the tagged
opcode reaches the execution stage a tag hit occurs.
20.1.2
Overview
The comparators monitor the bus activity of the S12XCPU and XGATE modules. When a match occurs
the control logic can trigger the state sequencer to a new state. On a transition to the Final State, bus tracing
is triggered and/or a breakpoint can be generated.
Independent of comparator matches a transition to Final State with associated tracing and breakpoint can
be triggered by the external TAGHI and TAGLO signals, by an XGATE module S/W breakpoint request
or an immediate trigger, instigated by writing to the TRIG control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com