전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 745 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 745 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 741Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 742Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 743Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 744Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 745Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 746Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 747Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 749Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 1348 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
747
During BDM hardware accesses and whilst the BDM module is active, S12XCPU monitoring is disabled.
Thus breakpoints, comparators, and bus tracing mapped to the S12XCPU are disabled but XGATE bus
monitoring accessing the S12XDBG registers, including comparator registers, is still possible. While in
active BDM or during hardware BDM accesses, XGATE activity can still be compared, traced and can be
used to generate a breakpoint to the XGATE module. When the S12XCPU enters active BDM Mode
through a BACKGROUND command, with the S12XDBG module armed, the S12XDBG remains armed.
The S12XDBG module tracing is disabled if the MCU is secure. However, breakpoints can still be
generated if the MCU is secure.
20.1.5
Block Diagram
Figure 20-1. Debug Module Block Diagram
20.2
External Signal Description
The S12XDBG sub-module features two external tag input signals. See Device User Guide (DUG) for the
mapping of these signals to device pins. These tag pins may be used for the external tagging in emulation
modes only.
Table 20-1. Mode Dependent Restriction Summary
BDM
Enable
BDM
Active
MCU
Secure
Comparator
Matches Enabled
Breakpoints
Possible
Tagging
Possible
Tracing
Possible
x
x
1
Yes
Yes
Yes
No
0
0
0
Yes
Only SWI
Yes
Yes
0
1
0
Active BDM not possible when not enabled
1
0
0
Yes
Yes
Yes
Yes
1
1
0
XGATE only
XGATE only
XGATE only
XGATE only
S12XCPU BUS
TRACE BUFFER
TRIGGER
EXTERNAL TAGHI / TAGLO
MATCH0
STATE
XGATE BUS
COMPARATOR B
COMPARATOR C
COMPARATOR D
COMPARATOR A
STATE SEQUENCER
MATCH1
MATCH2
MATCH3
TRACE
READ TRACE DATA (DBG READ DATA BUS)
CONTROL
SECURE
BREAKPOINT REQUESTS
XGATE S/W BREAKPOINT REQUEST
TRIGGER
TAG &
TRIGGER
CONTROL
LOGIC
TAGS
TAGHITS
STATE
S12XCPU & XGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com