전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1231 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1231 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1227Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1228Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1231 / 1348 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1233
The meaning of the bits KEYEN[1:0] is shown in Table 30-2. Please refer to Section 30.1.5.1,
“Unsecuring the MCU Using the Backdoor Key Access” for more information.
The meaning of the security bits SEC[1:0] is shown in Table 30-3. For security reasons, the state of device
security is controlled by two bits. To put the device in unsecured mode, these bits must be programmed to
SEC[1:0] = ‘10’. All other combinations put the device in a secured mode. The recommended value to put
the device in secured state is the inverse of the unsecured state, i.e. SEC[1:0] = ‘01’.
NOTE
Please refer to the Flash block guide (FTX) for actual security configuration
(in section “Flash Module Security”).
30.1.4
Operation of the Secured Microcontroller
By securing the device, unauthorized access to the EEPROM and Flash memory contents can be prevented.
However, it must be understood that the security of the EEPROM and Flash memory contents also depends
on the design of the application program. For example, if the application has the capability of downloading
code through a serial port and then executing that code (e.g. an application containing bootloader code),
then this capability could potentially be used to read the EEPROM and Flash memory contents even when
the microcontroller is in the secure state. In this example, the security of the application could be enhanced
by requiring a challenge/response authentication before any code can be downloaded.
Secured operation has the following effects on the microcontroller:
Table 30-2. Backdoor Key Access Enable Bits
KEYEN[1:0]
Backdoor Key
Access Enabled
00
0 (disabled)
01
0 (disabled)
10
1 (enabled)
11
0 (disabled)
Table 30-3. Security Bits
SEC[1:0]
Security State
00
1 (secured)
01
1 (secured)
10
0 (unsecured)
11
1 (secured)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com