전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1233 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1233 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1233 / 1348 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1235
30.1.5
Unsecuring the Microcontroller
Unsecuring the microcontroller can be done by three different methods:
1. Backdoor key access
2. Reprogramming the security bits
3. Complete memory erase (special modes)
30.1.5.1
Unsecuring the MCU Using the Backdoor Key Access
In normal modes (single chip and expanded), security can be temporarily disabled using the backdoor key
access method. This method requires that:
•
The backdoor key at 0xFF00–0xFF07 (= global addresses 0x7F_FF00–0x7F_FF07) has been
programmed to a valid value.
•
The KEYEN[1:0] bits within the Flash options/security byte select ‘enabled’.
•
In single chip mode, the application program programmed into the microcontroller must be
designed to have the capability to write to the backdoor key locations.
The backdoor key values themselves would not normally be stored within the application data, which
means the application program would have to be designed to receive the backdoor key values from an
external source (e.g. through a serial port). It is not possible to download the backdoor keys using
background debug mode.
The backdoor key access method allows debugging of a secured microcontroller without having to erase
the Flash. This is particularly useful for failure analysis.
NOTE
No word of the backdoor key is allowed to have the value 0x0000 or
0xFFFF.
30.1.5.2
Backdoor Key Access Sequence
These are the necessary steps for a successful backdoor key access sequence:
1. Set the KEYACC bit in the Flash configuration register FCNFG.
2. Write the first 16-bit word of the backdoor key to 0xFF00 (0x7F_FF00).
3. Write the second 16-bit word of the backdoor key to 0xFF02 (0x7F_FF02).
4. Write the third 16-bit word of the backdoor key to 0xFF04 (0x7F_FF04).
5. Write the fourth 16-bit word of the backdoor key to 0xFF06 (0x7F_FF06).
6. Clear the KEYACC bit in the Flash Configuration register FCNFG.
NOTE
Flash cannot be read while KEYACC is set. Therefore the code for the
backdoor key access sequence must execute from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com