전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1234 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1234 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1234 / 1348 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
1236
Freescale Semiconductor
If all four 16-bit words match the Flash contents at 0xFF00–0xFF07 (0x7F_FF00–0x7F_FF07), the
microcontroller will be unsecured and the security bits SEC[1:0] in the Flash Security register FSEC will
be forced to the unsecured state (‘10’). The contents of the Flash options/security byte are not changed by
this procedure, and so the microcontroller will revert to the secure state after the next reset unless further
action is taken as detailed below.
If any of the four 16-bit words does not match the Flash contents at 0xFF00–0xFF07
(0x7F_FF00–0x7F_FF07), the microcontroller will remain secured.
30.1.6
Reprogramming the Security Bits
In normal single chip mode (NS), security can also be disabled by erasing and reprogramming the security
bits within Flash options/security byte to the unsecured value. Because the erase operation will erase the
entire sector from 0xFE00–0xFFFF (0x7F_FE00–0x7F_FFFF), the backdoor key and the interrupt vectors
will also be erased; this method is not recommended for normal single chip mode. The application
software can only erase and program the Flash options/security byte if the Flash sector containing the Flash
options/security byte is not protected (see Flash protection). Thus Flash protection is a useful means of
preventing this method. The microcontroller will enter the unsecured state after the next reset following
the programming of the security bits to the unsecured value.
This method requires that:
•
The application software previously programmed into the microcontroller has been designed to
have the capability to erase and program the Flash options/security byte, or security is first disabled
using the backdoor key method, allowing BDM to be used to issue commands to erase and program
the Flash options/security byte.
•
The Flash sector containing the Flash options/security byte is not protected.
30.1.7
Complete Memory Erase (Special Modes)
The microcontroller can be unsecured in special modes by erasing the entire EEPROM and Flash memory
contents.
When a secure microcontroller is reset into special single chip mode (SS), the BDM firmware verifies
whether the EEPROM and Flash memory are erased. If any EEPROM or Flash memory address is not
erased, only BDM hardware commands are enabled. BDM hardware commands can then be used to write
to the EEPROM and Flash registers to mass erase the EEPROM and all Flash memory blocks.
When next reset into special single chip mode, the BDM firmware will again verify whether all EEPROM
and Flash memory are erased, and this being the case, will enable all BDM commands, allowing the Flash
options/security byte to be programmed to the unsecured value. The security bits SEC[1:0] in the Flash
security register will indicate the unsecure state following the next reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com