전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1239 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1239 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1239 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1241
A.1.5
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. A functional operation under or outside those maxima
is not guaranteed. Stress beyond those limits may affect the reliability or cause permanent damage of the
device.
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (e.g., either VSS35 or VDD35).
A.1.6
ESD Protection and Latch-up Immunity
All ESD testing is in conformity with CDF-AEC-Q100 stress test qualification for automotive grade
integrated circuits. During the device qualification ESD stresses were performed for the Human Body
Model (HBM) and the Charge Device Model.
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
Table A-1. Absolute Maximum Ratings1
1 Beyond absolute maximum ratings device might be damaged.
Num
Rating
Symbol
Min
Max
Unit
1
I/O, regulator and analog supply voltage
VDD35
–0.3
6.0
V
2
Digital logic supply voltage2
2 The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The absolute
maximum ratings apply when the device is powered from an external source.
VDD
–0.3
3.0
V
3
PLL supply voltage2
VDDPLL
–0.3
3.0
V
4
Voltage difference VDDX to VDDR and VDDA
∆VDDX
–0.3
0.3
V
5
Voltage difference VSSX to VSSR and VSSA
∆VSSX
–0.3
0.3
V
6
Digital I/O input voltage
VIN
–0.3
6.0
V
7
Analog reference
VRH, VRL
–0.3
6.0
V
8
XFC, EXTAL, XTAL inputs
VILV
–0.3
3.0
V
9
TEST input
VTEST
–0.3
10.0
V
10
Instantaneous maximum current
Single pin limit for all digital I/O pins3
3 All digital I/O pins are internally clamped to V
SSX and VDDX, VSSR and VDDR or VSSA and VDDA.
I
D
–25
+25
mA
11
Instantaneous maximum current
Single pin limit for XFC, EXTAL, XTAL4
4 Those pins are internally clamped to V
SSPLL and VDDPLL.
I
DL
–25
+25
mA
12
Instantaneous maximum current
Single pin limit for TEST 5
5 This pin is clamped low to V
SSPLL, but not clamped high. This pin must be tied low in applications.
I
DT
–0.25
0
mA
13
Storage temperature range
Tstg
–65
155
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com