전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1241 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1241 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1241 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1243
A.1.7
Operating Conditions
This section describes the operating conditions of the device. Unless otherwise noted those conditions
apply to all the following data.
NOTE
Please refer to the temperature rating of the device (C, V, M) with regards to
the ambient temperature TA and the junction temperature TJ. For power
dissipation calculations refer to Section A.1.8, “Power Dissipation and
Thermal Characteristics”.
Table A-4. Operating Conditions
Rating
Symbol
Min
Typ
Max
Unit
I/O, regulator and analog supply voltage
VDD35
3.15
5
5.5
V
Digital logic supply voltage1
1 The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The absolute
maximum ratings apply when this regulator is disabled and the device is powered from an external source.
VDD
2.35
2.5
2.75
V
PLL supply voltage2
VDDPLL
2.35
2.5
2.75
V
Voltage difference VDDX to VDDR and VDDA
∆VDDX
–0.1
0
0.1
V
Voltage difference VSSX to VSSR and VSSA
∆VSSX
–0.1
0
0.1
V
Oscillator
fosc
0.5
—
16
MHz
Bus frequency
fbus
0.5
—
40
MHz
C parts
Operating junction temperature range
Operating ambient temperature range2
2 Please refer to Section A.1.8, “Power Dissipation and Thermal Characteristics” for more details about the relation between
ambient temperature TA and device junction temperature TJ.
TJ
TA
–40
–40
—
27
100
85
°C
V parts
Operating junction temperature range
Operating ambient temperature range2
TJ
TA
–40
–40
—
27
120
105
°C
M parts
Operating junction temperature range
Operating ambient temperature range2
TJ
TA
–40
–40
—
27
140
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com