전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1238 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1238 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1238 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1240
Freescale Semiconductor
NOTE
In the following context VDD35 is used for either VDDA,VDDR, and VDDX;
VSS35 is used for either VSSA, VSSR and VSSX unless otherwise noted.
IDD35 denotes the sum of the currents flowing into the VDDA, VDDX and
VDDR pins.
VDD is used for VDD1,VDD2 and VDDPLL,VSS is used for VSS1,VSS2 and
VSSPLL.
IDD is used for the sum of the currents flowing into VDD1 and VDD2.
A.1.3
Pins
There are four groups of functional pins.
A.1.3.1
I/O Pins
Those I/O pins have a nominal level in the range of 3.15 V to 5.5 V. This class of pins is comprised of all
port I/O pins, the analog inputs, BKGD and the RESET pins.The internal structure of all those pins is
identical; however, some of the functionality may be disabled. For example, for the analog inputs the
output drivers, pull-up and pull-down resistors are disabled permanently.
A.1.3.2
Analog Reference
This group is made up by the VRH and VRL pins.
A.1.3.3
Oscillator
The pins XFC, EXTAL, XTAL dedicated to the oscillator have a nominal 2.5 V level. They are supplied
by VDDPLL.
A.1.3.4
TEST
This pin is used for production testing only.
A.1.3.5
VREGEN
This pin is used to enable the on-chip voltage regulator.
A.1.4
Current Injection
Power supply must maintain regulation within operating VDD35 or VDD range during instantaneous and
operating maximum current conditions. If positive injection current (Vin > VDD35) is greater than IDD35,
the injection current may flow out of VDD35 and could result in external power supply going out of
regulation. Ensure external VDD35 load will shunt current greater than maximum injection current. This
will be the greatest risk when the MCU is not consuming power; e.g., if no system clock is present, or if
clock rate is very low which would reduce overall power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com