전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1247 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1247 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1247 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1249
A.1.10
Supply Currents
This section describes the current consumption characteristics of the device as well as the conditions for
the measurements.
A.1.10.1
Measurement Conditions
All measurements are without output loads. Unless otherwise noted the currents are measured in single
chip mode and the CPU and XGATE code is executed from RAM, VDD35=5.5V, internal voltage regulator
is enabled and the bus frequency is 40MHz using a 4-MHz external clock source (PE7=XCLKS=0).
Production testing is performed using a square wave signal at the EXTAL input.
Table A-8. I/O Characteristics for Port C, D, PE5, PE6, and PK7
for Reduced Input Voltage Thresholds
Conditions are 4.5 V < VDD35 < 5.5 V Temperature from –40°C to +140°C, unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input high voltage
VIH
1.75
—
—
V
2
P Input low voltage
VIL
—
—
0.75
V
3
C Input hysteresis
VHYS
—
100
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com