전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1248 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1248 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1248 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1250
Freescale Semiconductor
Table A-9. shows the configuration of the peripherals for run current measurement.
Table A-9. Peripheral Configurations for Run Supply Current Measurements
Peripheral
Configuration
MSCAN
configured to loop-back mode using
a bit rate of 1Mbit/s
SPI
configured to master mode,
continously transmit data (0x55 or
0xAA) at 1Mbit/s
SCI
configured into loop mode,
continously transmit data (0x55) at
speed of 57600 baud
IIC
operate in master mode and
continously transmit data (0x55 or
0xAA) at the bit rate of 100Kbit/s
PWM
configured to toggle its pins at the
rate of 40kHz
ECT
the peripheral shall be configured to
output compare mode, Pulse
accumulator and modulus counter
enabled.
ATD
the peripheral is configured to
operate at its maximum specified
frequency and to continuously
convert voltages on all input
channels in sequence.
XGATE
XGATE fetches code from RAM,
XGATE runs in an infinite loop , it
reads the Status and Flag registers
of CAN’s, SPI’s, SCI’s in sequence
and does some bit manipulation on
the data
COP
COP Warchdog Rate 224
RTI
enabled, RTI Control Register
(RTICTL) set to $FF
API
the module is configured to run from
the RC oscillator clock source.
PIT
PIT is enabled, Micro-timer register 0
and 1 loaded with $0F and timer
registers 0 to 3 are loaded with
$03/07/0F/1F.
DBG
the module is enabled and the
comparators are configured to
trigger in outside range. The range
covers all the code executed by the
core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com