전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1249 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1249 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1249 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1251
A.1.10.2
Additional Remarks
In expanded modes the currents flowing in the system are highly dependent on the load at the address, data,
and control signals as well as on the duty cycle of those signals. No generally applicable numbers can
given. A very good estimate is to take the single chip currents and add the currents due to the external loads.
Table A-10. Run and Wait Current Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
Run supply current (Peripheral Configuration see Table A-9.)
1
P
Peripheral Set1
fosc=4MHz, fbus=40MHz
IDD35
110
mA
2
C
T
T
Peripheral Set1
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=20MHz
fosc=4MHz, fbus=8MHz
1 The following peripherals are on: ATD0/ATD1/ECT/IIC1/PWM/SPI0-SPI2/SCI0-SCI2/CAN0-CAN4/XGATE
90
45
18
3
T
T
T
Peripheral Set2
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=20MHz
fosc=4MHz, fbus=8MHz
2 The following peripherals are on: ATD0/ATD1/ECT/IIC1/PWM/SPI0-SPI2/SCI0-SCI2/CAN0-CAN4
70
35
15
4
T
T
T
Peripheral Set3
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=20MHz
fosc=4MHz, fbus=8MHz
3 The following peripherals are on: ATD0/ATD1/ECT/IIC1/PWM/SPI0-SPI2/SCI0-SCI2/
60
30
13
5
T
T
T
Peripheral Set4
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=20MHz
fosc=4MHz, fbus=8MHz
4 The following peripherals are on: ATD0/ATD1/ECT/IIC1/PWM/SPI0-SPI2
56
28
12
6
T
T
T
Peripheral Set5
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=20MHz
fosc=4MHz, fbus=8MHz
5 The following peripherals are on: ATD0/ATD1/ECT/IIC1/PWM/
53
26
11
7
T
T
T
Peripheral Set6
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=20MHz
fosc=4MHz, fbus=8MHz
6 The following peripherals are on: ATD0/ATD1/ECT/IIC1/
50
25
10
Wait supply current
8
P
Peripheral Set1 ,PLL on
XGATE executing code from RAM
IDDW
95
mA
9
T
T
Peripheral Set2
fosc=4MHz, fbus=40MHz
fosc=4MHz, fbus=8MHz
50
10
10
P
All modules disabled, RTI enabled, PLL off
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com