전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1252 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1252 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1253Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1254Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1255Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1256Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1252 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1254
Freescale Semiconductor
Table A-13. ATD Operating Characteristics 3.3V
A.2.2
Factors Influencing Accuracy
Three factors — source resistance, source capacitance and current injection — have an influence on the
accuracy of the ATD.
A.2.2.1
Source Resistance
Due to the input pin leakage current as specified in Table A-7 in conjunction with the source resistance
there will be a voltage drop from the signal source to the ATD input. The maximum source resistance RS
specifies results in an error of less than 1/2 LSB (2.5 mV) at the maximum leakage current. If device or
operating conditions are less than worst case or leakage-induced error is acceptable, larger values of source
resistance is allowed.
A.2.2.2
Source Capacitance
When sampling an additional internal capacitor is switched to the input. This can cause a voltage drop due
to charge sharing with the external and the pin capacitance. For a maximum sampling error of the input
voltage
≤ 1LSB, then the external filter capacitor, Cf ≥ 1024 * (CINS–CINN).
Conditions are shown in Table A-4 unless otherwise noted, Supply Voltage 3.15V < VDDA < 3.6V
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
D Reference potential
Low
High
VRL
VRH
VSSA
VDDA/2
—
—
VDDA/2
VDDA
V
V
2
C Differential reference voltage1
1 Full accuracy is not guaranteed when differential voltage is less than 3.15 V
VRH-VRL
3.15
3.3
3.6
V
3
D ATD clock frequency
fATDCLK
0.5
—
2.0
MHz
4
D ATD 10-bit conversion period
Clock cycles2
Conv, time at 2.0 MHz ATD clock fATDCLK
2 The minimum time assumes a final sample period of 2 ATD clocks cycles while the maximum time assumes a final sample
period of 16 ATD clocks.
NCONV10
TCONV10
14
7
—
—
28
14
Cycles
µs
5
D ATD 8-bit conversion period
Clock cycles2
Conv, time at 2.0 MHz ATD clock fATDCLK
NCONV8
TCONV8
12
6
—
—
26
13
Cycles
µs
6
D Recovery time (VDDA = 5.0 Volts)
tREC
——
20
µs
7
P Reference supply current 2 ATD blocks on
IREF
—
—
0.500
mA
8
P Reference supply current 1 ATD block on
IREF
—
—
0.250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com