전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1259 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1259 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1255Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1256Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1257Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1258Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1259Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1260Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1261Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1262Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1259 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1261
Table A-17. NVM Timing Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
D External oscillator clock
fNVMOSC
0.5
—
801
1 Restrictions for oscillator in crystal mode apply.
MHz
2
D Bus frequency for programming or erase operations
fNVMBUS
1
—
—
MHz
3
D Operating frequency
fNVMOP
150
—
200
kHz
4
P Single word programming time
tswpgm
462
2 Minimum programming times are achieved under maximum NVM operating frequency f
NVMOP and maximum bus frequency
fbus.
—
74.53
3 Maximum erase and programming times are achieved under particular combinations of f
NVMOP and bus frequency fbus. Refer
to formulae in Sections Section A.3.1.1, “Single Word Programming” – Section A.3.1.4, “Mass Erase” for guidance.
µs
5
D Flash burst programming consecutive word 4
4 Burst programming operations are not applicable to EEPROM
tbwpgm
20.42
—313
µs
6
D Flash burst programming time for 64 words4
tbrpgm
1331.22
—
2027.53
µs
7
P Sector erase time
tera
205
5 Minimum erase times are achieved under maximum NVM operating frequency, f
NVMOP.
—
26.73
ms
8
P Mass erase time
tmass
1005
—
1333
ms
9
D Blank check time Flash per block
tcheck
116
6 Minimum time, if first word in the array is not blank
—
655467
7 Maximum time to complete check on an erased block
tcyc
10
D Blank check time EEPROM per block
tcheck
116
—
20587
tcyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com