전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1260 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1260 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1256Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1257Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1258Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1259Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1260Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1261Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1262Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1260 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1262
Freescale Semiconductor
A.3.2
NVM Reliability
The reliability of the NVM blocks is guaranteed by stress test during qualification, constant process
monitors and burn-in to screen early life failures. The program/erase cycle count on the sector is
incremented every time a sector or mass erase event is executed
Table A-18. NVM Reliability Characteristics1
1 T
Javg will not exeed 85°C considering a typical temperature profile over the lifetime of a consumer, industrial or automotive
application.
Conditions are shown in Table A-4 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
Flash Reliability Characteristics
1
C Data retention after 10,000 program/erase cycles at an
average junction temperature of TJavg
≤ 85°C
tFLRET
15
1002
2 Typical data retention values are based on intrinsic capability of the technology measured at high temperature and de-rated to
25
°C using the Arrhenius equation. For additional information on how Freescale defines Typical Data Retention, please refer
to Engineering Bulletin EB618.
—
Years
2
C Data retention with <100 program/erase cycles at an
average junction temperature TJavg
≤ 85°C
20
1002
—
3
C Number of program/erase cycles
(–40
°C
≤ T
J
≤ 0°C)
nFL
10,000
—
—
Cycles
4
C Number of program/erase cycles
(0
°C
≤ T
J
≤ 140°C)
10,000
100,0003
3 Spec table quotes typical endurance evaluated at 25°C for this product family, typical endurance at various temperature can
be estimated using the graph below. For additional information on how Freescale defines Typical Endurance, please refer to
Engineering Bulletin EB619.
—
EEPROM Reliability Characteristics
5
C Data retention after up to 100,000 program/erase cycles
at an average junction temperature of TJavg
≤ 85°C
tEEPRET
15
1002
—
Years
6
C Data retention with <100 program/erase cycles at an
average junction temperature TJavg
≤ 85°C
20
1002
—
7
C Number of program/erase cycles
(–40
°C
≤ T
J
≤ 0°C)
nEEP
10,000
—
—
Cycles
8
C Number of program/erase cycles
(0
°C < TJ
≤ 140°C)
100,000
300,0003
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com