| 전자부품 데이터시트 검색엔진 |
|
A32100DX 데이터시트(PDF) 96 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
A32100DX 데이터시트(HTML) 96 Page - Actel Corporation |
|
96 / 98 page ![]() 96 P ack ag e Mec h a n i c a l Dr awi n gs (continued) 132-Pin, 172-Pin, 19 6-Pi n, 208- Pi n, and 256-Pin CQFP (Cav ity Up) Notes: 1. Outside leadframe holes (from dimension H) are circular for the CQ208 and CQ256. 2. Seal ring and lid are connected to Ground. 3. Lead material is Kovar with minimum 50 microinches gold plate over nickel. 4. Packages are shipped unformed with the ceramic tie bar. 5. 32200DX – CQ208 has a heat sink on the back. A b H D1 D2 E2 E1 F L1 K Ceramic Tie Bar No. 1 e A1 C Lead Kovar Lid Top View Side View |