| 전자부품 데이터시트 검색엔진 |
|
A32100DX 데이터시트(PDF) 63 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
A32100DX 데이터시트(HTML) 63 Page - Actel Corporation |
|
63 / 98 page ![]() 63 Hi R e l F P GA s 133- P i n CP GA Pin Number A1425A Function Pin Number A1425A Function Pin Number A1425A Function A1 NC D8 I/O K8 I/O A2 GND D11 I/O K11 I/O A3 I/O D12 I/O K12 I/O A4 I/O D13 I/O K13 I/O A5 I/O E1 I/O L1 I/O A6 PRA, I/O E2 I/O L2 I/O A7 NC E3 MODE L3 GND A8 I/O E11 VCC L4 I/O A9 I/O E12 I/O L5 I/O A10 I/O E13 I/O L6 PRB, I/O A11 I/O F1 I/O L7 GND A12 I/O F2 I/O L8 I/O A13 NC F3 I/O L9 I/O B1 I/O F4 I/O L10 IOPCL, I/O B2 VCC F10 GND L11 GND B3 I/O F11 I/O L12 I/O B4 I/O F12 I/O L13 I/O B5 I/O F13 I/O M1 I/O B6 CLKB, I/O G1 NC M2 VCC B7 VCC G2 VCC M3 GND B8 I/O G3 GND M4 I/O B9 I/O G4 I/O M5 I/O B10 I/O G10 I/O M6 I/O B11 I/O G11 GND M7 VCC B12 VCC G12 VCC M8 I/O B13 I/O G13 NC M9 I/O C1 I/O H1 I/O M10 I/O C2 SDI, I/O H2 I/O M11 I/O C3 GND H3 I/O M12 VCC C4 I/O H4 I/O M13 I/O C5 I/O H10 I/O N1 NC C6 I/O H11 I/O N2 I/O C7 GND H12 I/O N3 I/O C8 I/O H13 I/O N4 I/O C9 I/O J1 I/O N5 I/O C10 IOCLK, I/O J2 VCC N6 I/O C11 GND J3 I/O N7 NC C12 GND J11 I/O N8 I/O C13 I/O J12 VCC N9 I/O D1 I/O J13 I/O N10 I/O D2 I/O K1 I/O N11 I/O D3 I/O K2 I/O N12 GND D4 DCLK, I/O K3 I/O N13 NC D6 CLKA, I/O K6 I/O D7 I/O K7 HCLKA, I/O |