전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A32100DX 데이터시트(PDF) 31 Page - Actel Corporation

부품명 A32100DX
상세설명  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX 데이터시트(HTML) 31 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 27Page - Actel Corporation A32100DX Datasheet HTML 28Page - Actel Corporation A32100DX Datasheet HTML 29Page - Actel Corporation A32100DX Datasheet HTML 30Page - Actel Corporation A32100DX Datasheet HTML 31Page - Actel Corporation A32100DX Datasheet HTML 32Page - Actel Corporation A32100DX Datasheet HTML 33Page - Actel Corporation A32100DX Datasheet HTML 34Page - Actel Corporation A32100DX Datasheet HTML 35Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
31
Hi R e l F P GA s
A1 28 0A T i m i n g C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter Description
Min.
Max.
Min.
Max.
Units
Input Module Propagation Delays
tINYH
Pad to Y High
4.0
4.7
ns
tINYL
Pad to Y Low
3.6
4.3
ns
tINGH
G to Y High
6.9
8.1
ns
tINGL
G to Y Low
6.6
7.7
ns
Input Module Predicted Routing Delays1
tRD1
FO=1 Routing Delay
6.2
7.3
ns
tRD2
FO=2 Routing Delay
7.2
8.4
ns
tRD3
FO=3 Routing Delay
7.7
9.1
ns
tRD4
FO=4 Routing Delay
8.9
10.5
ns
tRD8
FO=8 Routing Delay
12.9
15.2
ns
Global Clock Network
tCKH
Input Low to High
FO = 32
FO = 384
13.3
17.9
15.7
21.1
ns
tCKL
Input High to Low
FO = 32
FO = 384
13.3
18.2
15.7
21.4
ns
tPWH
Minimum Pulse Width High
FO = 32
FO = 384
6.9
7.9
8.1
9.3
ns
tPWL
Minimum Pulse Width Low
FO = 32
FO = 384
6.9
7.9
8.1
9.3
ns
tCKSW
Maximum Skew
FO = 32
FO = 384
0.6
3.1
0.6
3.1
ns
tSUEXT
Input Latch External Setup
FO = 32
FO = 384
0.0
0.0
0.0
0.0
ns
tHEXT
Input Latch External Hold
FO = 32
FO = 384
8.6
13.8
8.6
13.8
ns
tP
Minimum Period
FO = 32
FO = 384
13.7
16.0
16.2
18.9
ns
fMAX
Maximum Frequency
FO = 32
FO = 384
73
63
62
53
MHz
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is based
on actual routing delay measurements performed on the device prior to shipment. Optimization techniques may further reduce delays by 0
to 4 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com