| 전자부품 데이터시트 검색엔진 |
|
A32100DX 데이터시트(PDF) 61 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
A32100DX 데이터시트(HTML) 61 Page - Actel Corporation |
|
61 / 98 page ![]() 61 Hi R e l F P GA s 132- P i n CP GA Pin Number A1240A Function Pin Number A1240A Function Pin Number A1240A Function A1 MODE D8 I/O K7 VCC A2 I/O D11 I/O K8 I/O A3 I/O D12 I/O K11 I/O A4 I/O D13 I/O K12 GND A5 I/O E1 I/O K13 I/O A6 I/O E2 I/O L1 I/O A7 I/O E3 GND L2 I/O A8 I/O E11 GND L3 I/O A9 I/O E12 GND L4 I/O A10 I/O E13 I/O L5 GND A11 I/O F1 I/O L6 I/O A12 I/O F2 I/O L7 VCC A13 I/O F3 I/O L8 I/O B1 I/O F4 GND L9 GND B2 I/O F10 I/O L10 I/O B3 I/O F11 I/O L11 I/O B4 I/O F12 I/O L12 I/O B5 GND F13 I/O L13 I/O B6 CLKB, I/O G1 I/O M1 I/O B7 CLKA, I/O G2 VCC M2 I/O B8 PRA, I/O G3 VCC M3 I/O B9 GND G4 VCC M4 I/O B10 I/O G10 VCC M5 I/O B11 I/O G11 VCC M6 I/O B12 SDI, I/O G12 VCC M7 I/O B13 I/O G13 VCC M8 I/O C1 I/O H1 I/O M9 GND C2 I/O H2 I/O M10 I/O C3 DCLK, I/O H3 I/O M11 I/O C4 I/O H4 I/O M12 I/O C5 GND H10 I/O M13 I/O C6 PRB, I/O H11 I/O N1 I/O C7 VCC H12 I/O N2 I/O C8 I/O H13 GND N3 I/O C9 GND J1 I/O N4 I/O C10 I/O J2 GND N5 I/O C11 I/O J3 GND N6 I/O C12 I/O J11 GND N7 I/O C13 I/O J12 I/O N8 I/O D1 I/O J13 I/O N9 I/O D2 I/O K1 I/O N10 I/O D3 I/O K2 I/O N11 I/O D6 I/O K3 I/O N12 I/O D7 VCC K6 I/O N13 I/O |