전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3G5A2-RPT01-PE 데이터시트(PDF) 9 Page - Omron Electronics LLC

부품명 3G5A2-RPT01-PE
상세설명  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE 데이터시트(HTML) 9 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 5Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 6Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 7Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 8Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 9Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 10Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 11Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 12Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 182 page
background image
!
!
!
!
!
!
3
Safety Precautions
xii
1
Intended Audience
This manual is intended for the following personnel, who must also have knowl-
edge of electrical systems (an electrical engineer or the equivalent).
• Personnel in charge of installing FA systems.
• Personnel in charge of designing FA systems.
• Personnel in charge of managing FA systems and facilities.
2
General Precautions
The user must operate the product according to the performance specifications
described in the operation manuals.
Before using the product under conditions which are not described in the manual
or applying the product to nuclear control systems, railroad systems, aviation
systems, vehicles, combustion systems, medical equipment, amusement ma-
chines, safety equipment, and other systems, machines, and equipment that
may have a serious influence on lives and property if used improperly, consult
your OMRON representative.
Make sure that the ratings and performance characteristics of the product are
sufficient for the systems, machines, and equipment, and be sure to provide the
systems, machines, and equipment with double safety mechanisms.
This manual provides information for programming and operating the Unit. Be
sure to read this manual before attempting to use the Unit and keep this manual
close at hand for reference during operation.
WARNING It is extremely important that a PC and all PC Units be used for the specified
purpose and under the specified conditions, especially in applications that can
directly or indirectly affect human life. You must consult with your OMRON
representative before applying a PC System to the above-mentioned
applications.
3
Safety Precautions
WARNING Do not attempt to take any Unit apart while the power is being supplied. Doing so
may result in electric shock.
WARNING Do not touch any of the terminals or terminal blocks while the power is being
supplied. Doing so may result in electric shock.
WARNING Do not attempt to disassemble, repair. or modify any Units. Any attempt to do so
may result in malfunction, fire, or electric shock.
WARNING There is a lithium battery built into the SRAM Memory Cards. Do not short the
positive and negative terminals of the battery, charge the battery, attempt to take
it apart, subject it to pressures that would deform it, incinerate it, or otherwise
mistreat it. Doing any of these could cause the battery to erupt, ignite, or leak.
Caution
Tighten the screws on the terminal block of the AC Power Supply Unit to the
torque specified in the operation manual. The loose screws may result in burning
or malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More