| 전자부품 데이터시트 검색엔진 |
|
3G5A2-RPT01-PE 데이터시트(PDF) 90 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE 데이터시트(HTML) 90 Page - Omron Electronics LLC |
|
90 / 182 page ![]() 77 Fatal Errors Item Cause CPU indicators Peripheral Device error Power RUN ERROR WDT ALARM OUT INT COMM message Power interrup- tion Power interruption occurred and lasted longer than the specified limit. Unlit Unlit Unlit Unlit Unlit Unlit Unlit POWER FAIL Expansion CPU Rack power OFF Expansion CPU Rack Power Supply Unit is OFF. Lit Unlit Unlit Unlit Unlit Unlit Unlit POWER FAIL CPU error Watchdog timer Lit Unlit --- Lit --- --- --- WDT ERR Memory error Error occurred dur- ing internal memory and Ex- pansion DM verifi- cation. Lit Unlit Lit --- --- --- --- MEMORY ERR I/O bus error Erroneous data transferred be- tween CPU and I/O Units Lit Unlit Lit --- --- --- --- I/O BUS ERR Duplicated number Rack numbers and CPU Bus Unit unit numbers or I/O words are assigned in duplicate. Lit Unlit Lit --- --- --- --- NO DUPL ERR CPU bus error Error in data trans- fer between CPU and CPU Bus Unit or watchdog timer error in CPU Bus Unit. Lit Unlit Lit --- --- --- --- CPU BUS ERR I/O points over Too many I/O points or too many Units are registered in the I/O table. Lit Unlit Lit --- --- --- --- I/O OVER I/O setting error Input/Output desig- nation is wrong for I/O Unit. Lit Unlit Lit --- --- --- --- I/O SET ERR Program error END(001) is miss- ing, or the capacity of the user memory is exceeded. Lit Unlit Lit --- --- --- --- NO END INSTR PROGRAM OVER Cycle time over Cycle time monitor time is exceeded. Lit Unlit Lit --- --- --- --- SCAN TIME OVER Fatal SFC error SFC syntax error. Lit Unlit Lit --- --- --- --- SFC ERR System failure (FALS) FALS was ex- ecuted in program. Lit Unlit Lit --- --- --- --- SYSTEM FAL Error Messages and Alarm Outputs Section 5-1 |