| 전자부품 데이터시트 검색엔진 |
|
3G5A2-RPT01-PE 데이터시트(PDF) 23 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE 데이터시트(HTML) 23 Page - Omron Electronics LLC |
|
23 / 182 page ![]() 10 Remote I/O can also be enabled by using the C-series SYSMAC BUS Remote I/O System with CV-series PC. Remote I/O Master Units can be mounted on any slot of the CPU Rack, Expan- sion CPU Rack, or Expansion I/O Rack. Up to four Masters can be mounted for the CV500 or CVM1-CPU01-EV2, up to eight Masters for the CV1000, CV2000, or CVM1-CPU11/21-EV2. For each Master, up to two Slave Racks can be connected for the CV500 or CVM1-CPU01-EV2; up to eight Slave Racks for the CV1000, CV2000, or CVM1-CPU11/21-EV2. No more than 16 Slave Racks can be connected per PC. Slaves can be used to provide up to 512 remote I/O points for the CV500 or CVM1-CPU01-EV2; up to 1,024 remote I/O points for the CV1000, CV2000, or CVM1-CPU11-EV2; up to 2,048 remote I/O points for the CVM1-CPU21-EV2. These limits are the totals for all Slaves control by one PC. Programming Devices cannot be connected to SYSMAC BUS Slave Racks. Remote I/O Master Unit 3G2A5-RM001-(P)EV1 (optical) C500-RM201 (wired) Up to 8 Units CV-series CPU Rack/Expansion CPU Rack/Expansion I/O Rack C-series Remote I/O Slave Rack CV500, CVM1-CPU01-EV2: 2 Masters max. can be mounted CV1000, CV2000, CVM1-CPU11/21-EV2: 4 Masters max. can be mounted The CV-series PCs can be connected to a host computer with the host link con- nector via the CPU or a CV500-LK201 Host Link Unit mounted to a Rack. RS-232C or RS-422 communications can be used depending on the switch set- ting. When RS-422 is selected, up to 32 PCs can be connected to a single host. Data is transmitted and received by commands and responses. Host link connector Host computer SYSMAC BUS Remote I/O System Host Link System (SYSMAC WAY) Networks and Remote I/O Systems Section 1-6 |