전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3G5A2-RPT01-PE 데이터시트(PDF) 46 Page - Omron Electronics LLC

부품명 3G5A2-RPT01-PE
상세설명  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE 데이터시트(HTML) 46 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 42Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 43Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 44Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 45Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 46Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 47Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 48Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 49Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 182 page
background image
33
2-3-3 I/O Interface Units
One I/O Interface Unit is needed on the Expansion CPU Rack and on each Ex-
pansion I/O Rack. Two models of I/O Interface Unit are available, the
CV500-II101 for the Expansion CPU Rack and the CV500-II201 for Expansion
I/O Racks. An I/O Interface Unit enable data communication between Racks.
The I/O Interface Unit must be mounted to the leftmost slot on the Expansion
CPU and Expansion I/O Backplane.
CV500-II101
I/O connectors The connectors
are functionally identical and ei-
ther can be used to connect to
the preceding or succeeding
Rack.
CPU bus connector
Display
Rack number switch
Display mode switch Changes the
data displayed on the display.
CV500-II201
I/O Connectors Both connectors
are functionally identical and ei-
ther can be used to connect to
the preceding or succeeding
Rack.
Display
Rack number switch
Display mode switch
Changes the data dis-
played on the display.
Peripheral device connec-
tor cover
Attach a Termination Resistance Unit to the unused I/O Connecting Cable Con-
nector of the last Rack in a each series leading from the CPU Rack.
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More