| 전자부품 데이터시트 검색엔진 |
|
3G5A2-RPT01-PE 데이터시트(PDF) 53 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE 데이터시트(HTML) 53 Page - Omron Electronics LLC |
|
53 / 182 page ![]() 40 3-1 Assembly 3-1-1 Mounting Units To build a Rack PC, we start with a Backplane. The Backplane for a CV-series PC is illustrated below. The Backplane has two functions: it provides physical support for the Units that are mounted to it and it provides the connectors and electrical pathways neces- sary for connecting the Units. The first device we will mount to the Backplane is a Power Supply Unit. The Pow- er Supply Unit fits into the rightmost slot on the Backplane and provides electric- ity at the voltage required by the other Units in the PC. It can also be used to power devices other than the PC if necessary and it enough current is available. Power Supply Unit The CPU is mounted next to the Power Supply Unit. The CPU fits into the posi- tion directly to the left of the Power Supply Unit. CPU Assembly Section 3-1 |