| 전자부품 데이터시트 검색엔진 |
|
3G5A2-RPT01-PE 데이터시트(PDF) 33 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE 데이터시트(HTML) 33 Page - Omron Electronics LLC |
|
33 / 182 page ![]() 20 Rack Configurations The following table summarizes the components required to form each type of Rack in the different configurations. The number of each component required for the System is given in parentheses. The following combinations form the basic Racks to which the other Units indicated in the first part of this section can be added. Configuration CPU Rack Connecting Expansion Rack CPU Backplane I/O Control Unit cable I/O Interface Unit Expansion Backplane Termination Resistance Unit CPU Rack only CV500-BC031, CV500-BC051, CV500-BC101, CVM1-BC053, or CVM1-BC103 (one) Not needed Not needed Not needed Not needed Not needed CPU Rack and Expansion CPU Rack only CV500-BC031, CV500-BC051, or CV500-BC101 (one) CV500-IC101 (one) CV500-CN jj1 (one) CV500-CN jj2 (one) CV500-II101 (one) CV500-BI111 (one) CV500-TER01 (Two included with I/O Control Unit.) (two) CPU Rack, Ex- pansion CPU Rack, and Expan- sion I/O Racks CV500-BC031, CV500-BC051, or CV500-BC101 (one) CV500-IC101 (one) CV500-CN jj1 (one) CV500-CN jj2 (one) CV500-II101 (one) CV500-BI111 (one) CV500-TER01 (Two included with I/O Control Unit.) (two) CV500-CN jj2 (one for each Expansion I/O Rack) CV500-II201 (one for each Expansion I/O Rack) CV500-BI042, CV500-BI062, or CV500-BI112 (one for each Expansion I/O Rack) CPU Rack and Expansion I/O Racks CV500-BC031, CV500-BC051, or CV500-BC101 (one) CV500-IC201 or CV500-IC101 (one) CV500-CN jj2 (one for each Expansion I/O Rack) CV500-II201 (one for each Expansion I/O Rack) CV500-BI042, CV500-BI062, or CV500-BI112 (one for each Expansion I/O Rack) CPU Rack with Single Expansion I/O Rack CV500-BC031, CV500-BC051, CV500-BC101, CVM1-BC053, or CVM1-BC103 (one) Not needed CV500-CN jj3 (one) Not needed CV500-BI042, CV500-BI062, CV500-BI112, CVM1-BI064, or CVM1-BI114 (one) Not needed CPU Rack with C500 Expansion I/O Racks CV500-BC031, CV500-BC051, or CV500-BC101 (one) CV500-IC301 (one) C500-CN jj2N (one for each Expansion I/O Rack) C500-II002 (one for each Expansion I/O Rack) C500-BI081 or C500-BI051 (one for each Expansion I/O Rack) Not needed System Configuration Section 2-1 |