| 전자부품 데이터시트 검색엔진 |
|
3G5A2-RPT01-PE 데이터시트(PDF) 20 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE 데이터시트(HTML) 20 Page - Omron Electronics LLC |
|
20 / 182 page ![]() 7 1-6 Networks and Remote I/O Systems Systems that can be used to create networks and enable remote I/O are intro- duced in this section. Refer to the operation manuals for the Systems for details. The SYSMAC NET Link System is a LAN (local area network) for use in factory automation systems. The SYSMAC NET Link System can consist of up to 128 nodes among which communications may be accomplished via datagrams, data transfers, or automatic data links. Datagrams transmit and receive data using a command/response format. Com- mands can be issued from the user program by the DELIVER COMMAND in- struction (CMND(194)). Data can also be transmitted and received using the NETWORK SEND and NETWORK RECEIVE (SEND(192)/RECV(193)) instructions in the user pro- gram. Up to 256 words of data can be transferred for each instruction. Automatic data links allow PCs and computers to create common data areas. SYSMAC NET Link Unit CV500-SNT31 Up to 4 Units can be mounted. CV-series CPU Rack/Expansion CPU Rack Line Server Center Power Feeder C200H C500 C1000H C2000H Personal computer Note Up to four SYSMAC NET Link Units (CV500-SNT31) can be mounted to the CPU Rack and/or Expansion CPU Rack of each CV-series PC. SYSMAC NET Link System Networks and Remote I/O Systems Section 1-6 |