| 전자부품 데이터시트 검색엔진 |
|
3G5A2-RPT01-PE 데이터시트(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE 데이터시트(HTML) 22 Page - Omron Electronics LLC |
|
22 / 182 page ![]() 9 Remote I/O can be enabled by adding a SYSMAC BUS/2 Remote I/O System to the PC. The SYSMAC BUS/2 Remote I/O System is available in two types: opti- cal and wired. Two Remote I/O Master Units, optical or wired, can be mounted to the CV500 or CVM1-CPU01-EV2 CPU Rack or Expansion CPU Rack. Four Remote I/O Mas- ter Units can be mounted to the CV1000, CV2000, or CVM1-CPU11/21-EV2 CPU Rack or Expansion CPU Rack. Up to eight Remote I/O Slave Racks can be connected per PC. Slaves can be used to provide up to 1,024 remote I/O points for the CV500 or CVM1-CPU01-EV2; up to 2,048 remote I/O points for the CV1000, CV2000, or CVM1-CPU11/21-EV2. These limits are the totals for all Slaves control by one PC. A Programming Device (such as the CVSS) can be connected to up to two Re- mote I/O Slave Units for each Remote I/O Master Unit as long as a total of no more than four Programming Devices are connected per PC. Remote I/O Master Unit CV500-RM211 (optical) CV500-RM221 (wired) CV500, CVM1-CPU01-EV2: 4 Masters max. can be mounted CV1000, CV2000, CVM1-CPU11/21-EV2: 8 Masters max. can be mounted CV-series CPU Rack/Expansion CPU Rack Remote I/O Slave Up to 8 Slave can be con- nected per PC for 58M Slaves; 4 Slaves for 122M or 54MH Slaves. Remote I/O Slave Unit CV500-RT211 (optical) CV500-RT221 (wired) SYSMAC BUS/2 Remote I/O System Networks and Remote I/O Systems Section 1-6 |