전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3G5A2-RPT01-PE 데이터시트(PDF) 55 Page - Omron Electronics LLC

부품명 3G5A2-RPT01-PE
상세설명  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE 데이터시트(HTML) 55 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 51Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 52Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 53Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 54Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 55Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 56Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 57Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 58Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 182 page
background image
42
If we want to include more than ten Units in our configuration, we can add an
additional Rack by mounting an I/O Control Unit to the leftmost slot of the CPU
Rack.
I/O Control Unit
Now we can use a cable to connect the CPU Rack to another Rack. This Rack
has a Power Supply Unit and I/O Units mounted to it, but it has no CPU of its own.
The additional Rack must also have an I/O Interface Unit mounted to its leftmost
slot to allow communications between the additional Rack and the CPU Rack.
The Backplane, Power Supply Unit, I/O Interface Unit, and other Units are col-
lective called an Expansion I/O Rack or an Expansion CPU Rack. The differ-
ences between the various types of Rack and the types of Systems they can be
used in are described in earlier sections of this manual. A CPU Rack connected
to a single Expansion I/O Rack is shown below.
I/O Interface Unit
CPU Rack
Expansion I/O Rack
The CPU Rack and Expansion I/O Rack shown above are connected by a cable
via the I/O Control Unit and I/O Interface Unit. It is possible to keep adding Ex-
pansion I/O Racks in this way until the maximum number of I/O points for the
system is reached. Each Expansion I/O Rack requires an I/O Interface Unit, al-
though a single Expansion I/O Rack can be connected by directly connecting the
CPU and Expansion I/O Backplanes, as described in an earlier section.
Assembly
Section 3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More