전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1547JBD48 데이터시트(PDF) 28 Page - NXP Semiconductors

부품명 LPC1547JBD48
상세설명  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 데이터시트(HTML) 28 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 24Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 25Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 26Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 27Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 28Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 29Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 30Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 31Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
28 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.12 Fast General-Purpose parallel I/O (GPIO)
Device pins that are not connected to a specific peripheral function through the switch
matrix are controlled by the GPIO registers. Pins may be dynamically configured as inputs
or outputs. Multiple outputs can be set or cleared in one write operation.
LPC15xx use accelerated GPIO functions.
• An entire port value can be written in one instruction.
• Mask, set, and clear operations are supported for the entire port.
8.12.1 Features
• Bit level port registers allow a single instruction to set and clear any number of bits in
one write operation.
• Direction control of individual bits.
8.13 Pin interrupt/pattern match engine (PINT)
The pin interrupt block configures up to eight pins from the digital pins on ports 1 and 2 for
providing eight external interrupts connected to the NVIC. The input mux block is used to
select the pins.
The pattern match engine can be used, in conjunction with software, to create complex
state machines based on pin inputs.
Any digital pin on ports 0 and 1 can be configured through the SYSCON block as input to
the pin interrupt or pattern match engine. The registers that control the pin interrupt or
pattern match engine are located on the IO+ bus for fast single-cycle access.
8.13.1 Features
• Pin interrupts
– Up to eight pins can be selected from all digital pins on ports 0 and 1 as edge- or
level-sensitive interrupt requests. Each request creates a separate interrupt in the
NVIC.
– Edge-sensitive interrupt pins can interrupt on rising or falling edges or both.
– Level-sensitive interrupt pins can be HIGH- or LOW-active.
– Pin interrupts can wake up the part from sleep mode, deep-sleep mode, and
power-down mode.
• Pin interrupt pattern match engine
– Up to 8 pins can be selected from all digital pins on ports 0 and 1 to contribute to a
boolean expression. The boolean expression consists of specified levels and/or
transitions on various combinations of these pins.
– Each minterm (product term) comprising the specified boolean expression can
generate its own, dedicated interrupt request.
– Any occurrence of a pattern match can be programmed to also generate an RXEV
notification to the ARM CPU.
– The pattern match engine does not facilitate wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com