전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1547JBD48 데이터시트(PDF) 44 Page - NXP Semiconductors

부품명 LPC1547JBD48
상세설명  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 데이터시트(HTML) 44 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 42Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 43Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 45Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 46Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 47Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
44 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.34 Clock generation
Fig 14. Clock generation
system oscillator
watchdog oscillator
IRC
system oscillator
IRC
IRC
USB PLL
USBPLLCLKSEL
(USB PLL clock select)
SYSTEM CLOCK
DIVIDER
SYSAHBCLKCTRLn
(AHB clock enable)
CPU, system control,
PMU
memories,
peripheral clocks
SYSTICK PERIPHERAL
CLOCK DIVIDER
ARM core
SYSTICK
IOCONCLKDIV
CLOCK DIVIDER
IOCON digital
glitch filter
ARM TRACE CLOCK
CLOCK DIVIDER
ARM trace
USART PERIPHERAL
CLOCK DIVIDER
FRACTIONAL RATE
GENERATOR
USART[n:0]
WWDT
CLKOUTSELA
(CLKOUT clock select A)
USB 48 MHz CLOCK
DIVIDER
USB
watchdog oscillator
IRC
system oscillator
USBCLKSEL
(USB clock select)
CLKOUT PIN CLOCK
DIVIDER
CLKOUT pin
system clock
SYSTEM PLL
IRC
system oscillator
watchdog oscillator
MAINCLKSELB
(main clock select B)
MAINCLKSELA
(main clock select A)
SYSPLLCLKSEL
(system PLL clock select)
main clock
IRC
system oscillator
RTC oscillator
n
system oscillator
IRC
SCT PLL
SCTPLLCLKSEL
(SCT PLL clock select)
SCT
ASYNC ADC CLOCK
DIVIDER
ADC
ADCASYNCCLKSEL
(clock select)
32 kHz
RTC oscillator 32 kHz
CLKOUTSELB
(CLKOUT clock select B)
aaa-010875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com