전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1547JBD48 데이터시트(PDF) 41 Page - NXP Semiconductors

부품명 LPC1547JBD48
상세설명  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 데이터시트(HTML) 41 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 38Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 42Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 43Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
41 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.26.1 Features
• Seven selectable inputs. Fully configurable on either the positive side or the negative
input channel.
• 32-stage voltage ladder internal reference for selectable voltages on each
comparator; configurable on either positive or negative comparator input.
• Voltage ladder source voltage is selectable from an external pin or the 3.3 V analog
voltage supply.
• 0.9 V internal band gap reference voltage selectable as either positive or negative
input on each comparator.
• Temperature sensor voltage selectable as either positive or negative input on each
comparator.
• Voltage ladder can be separately powered down for applications only requiring the
comparator function.
• Individual comparator outputs can be connected internally to the SCT and ADC trigger
inputs or the external pins.
• Separate interrupt for each comparator.
• Pin filter included on each comparator output.
• Three propagation delay values are programmable to optimize between speed and
power consumption.
• Relaxation oscillator circuitry output for a 555 style timer operation using comparator
blocks 0 and 1.
8.27 Temperature sensor
The temperature sensor transducer uses an intrinsic pn-junction diode reference and
outputs a CTAT voltage (Complement To Absolute Temperature). The output voltage
varies inversely with device temperature with an absolute accuracy of better than ±5
C
over the full temperature range (
40 C to +105 C). The temperature sensor is only
approximately linear with a slight curvature. The output voltage is measured over different
ranges of temperatures and fit with linear-least-square lines.
After power-up, the temperature sensor output must be allowed to settle to its stable value
before it can be used as an accurate ADC input.
For an accurate measurement of the temperature sensor by the ADC, the ADC must be
configured in single-channel burst mode. The last value of a nine-conversion (or more)
burst provides an accurate result.
8.28 Internal voltage reference
The internal voltage reference is an accurate 0.9 V and is the output of a low voltage band
gap circuit. A typical value at Tamb = 25 C is 0.905 V. The internal voltage reference can
be used in the following applications:
• When the supply voltage VDD is known accurately, the internal voltage reference can
be used to reduce the offset error EO of the ADC code output. The ADC error
correction then increases the accuracy of temperature sensor voltage output
measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com