전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1547JBD48 데이터시트(PDF) 80 Page - NXP Semiconductors

부품명 LPC1547JBD48
상세설명  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 데이터시트(HTML) 80 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 76Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 77Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 78Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 79Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 80Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 81Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 82Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 83Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
80 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[1]
Maximum and minimum values are measured on samples from the corners of the process matrix lot.
[2]
Settling time applies to switching between comparator and ADC channels.
Table 26.
Internal voltage reference static and dynamic characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO
output voltage
Tamb = 40 C to +105 C
[1] 875
-
925
mV
Tamb = 25 C
905
mV
ts(pu)
power-up
settling time
to 99% of VO
-
-
125
s
VDDA = 3.3 V; averaged over process corners
Fig 42. Average internal voltage reference output voltage
aaa-011179
-40
-10
20
50
80
110
890
895
900
905
910
915
920
temperature (°C)
Voltage
Voltage
Voltage
(V)
(V)
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com