전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1547JBD48 데이터시트(PDF) 40 Page - NXP Semiconductors

부품명 LPC1547JBD48
상세설명  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 데이터시트(HTML) 40 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 38Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 40Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 42Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 43Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
40 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.24.1 Features
• 12-bit successive approximation analog-to-digital converter.
• 12-bit conversion rate of 2 MHz.
• Input multiplexing among 12 pins and up to 4 internal sources.
• Internal sources are the temperature sensor voltage, internal reference voltage, core
voltage regulator output, and VDDA/2.
• Two configurable conversion sequences with independent triggers.
• Optional automatic high/low threshold comparison and zero-crossing detection.
• Power-down mode and low-power operating mode.
• Measurement range VREFN to VREFP (typically 3 V; not to exceed VDDA voltage
level).
• Burst conversion mode for single or multiple inputs.
• Synchronous or asynchronous operation. Asynchronous operation maximizes
flexibility in choosing the ADC clock frequency, Synchronous mode minimizes trigger
latency and can eliminate uncertainty and jitter in response to a trigger.
8.25 Digital-to-Analog Converter (DAC)
The DAC supports a resolution of 12 bits. Conversions can be triggered by an external pin
input or an internal timer.
The DAC includes an optional automatic hardware shut-off feature which forces the DAC
output voltage to zero while a HIGH level on the external DAC_SHUTOFF pin is detected.
8.25.1 Features
• 12-bit digital-to-analog converter.
• Supports DMA.
• Internal timer or pin external trigger for staged, jitter-free DAC
conversion sequencing.
• Automatic hardware shut-off triggered by an external pin.
8.26 Analog comparator (ACMP)
The LPC15xx include four analog comparators with seven selectable inputs each for each
positive or negative input channel. Two analog inputs are common to all four comparators.
Internal voltage inputs include a voltage ladder reference with selectable voltage supply
source, the temperature sensor or the internal voltage reference.
The analog inputs to the comparators are fixed-pin functions and must be enabled through
the switch matrix.
The outputs of each analog comparator are internally connected to the ADC trigger inputs
and to the SCT inputs, so that the result of a voltage comparison can trigger a timer
operation or an analog-to-digital conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com