전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1547JBD48 데이터시트(PDF) 65 Page - NXP Semiconductors

부품명 LPC1547JBD48
상세설명  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 데이터시트(HTML) 65 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 61Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 62Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 63Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 64Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 65Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 66Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 67Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 68Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
65 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
11.4 Electrical pin characteristics
USART0
-
0.02
0.15
-
USART1
-
0.02
0.16
-
USART2
-
0.02
0.15
-
C_CAN
-
0.50
3.00
USB
-
0.10
0.50
Comparator ACMP0/1/2/3
-
0.01
0.03
-
ADC0
-
0.05
0.33
-
ADC1
-
0.04
0.33
-
temperature sensor
-
0.03
0.03
internal voltage reference/band
gap
-
0.03
0.04
DAC
-
0.02
0.09
-
DMA
-
0.36
1.5
CRC
-
0.01
0.08
-
Table 12.
Power consumption for individual analog and digital blocks …continued
Peripheral
Typical supply current in mA
Notes
n/a
12 MHz
72 MHz
Conditions: VDD = 3.3 V; on pin PIO0_24.
Fig 27. High-drive output: Typical HIGH-level output voltage VOH versus HIGH-level
output current IOH
aaa-011257
0
10
20
30
40
50
2.7
2.8
2.9
3
3.1
3.2
3.3
IOH (mA)
VOH
OH
VOH
(V)
(V)
(V)
-40 °C
25 °C
90 °C
105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com